Part Number Hot Search : 
A554RW MUR10 CE66P9 A222R AP1501A X935Z LB11823M AK5703
Product Description
Full Text Search
 

To Download TPCP8203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TPCP8203 2007-02-28 1 toshiba field effect transistor silicon n-cha nnel mos type (u-mos ) TPCP8203 portable equipment applications motor drive applications dc/dc converters ? lead (pb)-free ? small footprint due to small and thin package ? low drain-source on-resistance: r ds(on) = 31 m (typ.) ? high forward transfer admittance: |y fs | = 8.6 s (typ.) ? low leakage current: i dss = 10 a (max)(v ds = 40 v) ? enhancement model: v th = 1.3 to 2.5v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristic symbol rating unit drain-source voltage v dss 40 v drain-gate voltage (r gs = 20 k ) v dgr 40 v gate-source voltage v gss 20 v dc (note 1) i d 4.7 drain current pulse (note 1) i dp 18.8 a single-device operation (note 3a) p d (1) 1.48 drain power dissipation (t = 5 s) (note 2a) single-device value at dual operation (note 3b) p d (2) 1.23 single-device operation (note 3a) p d (1) 0.58 drain power dissipation (t = 5 s) (note 2b) single-device value at dual operation (note 3b) p d (2) 0.36 w single-pulse avalanche energy (note 4) e as 10.6 mj avalanche current i ar 4.7 a repetitive avalanche energy single-device value at dual operation (note 2a, 3b, 5) e ar 0.12 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: for notes 1 to 6, see the next page. this transistor is an electrostatic-sensitive device. handle with care. unit: mm jedec ? jeita ? toshiba 2-3v1g weight: 0.017 g (typ.) circuit configuration marking (note 6) 8203 1 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 0.330.05 0.28 +0.1 -0.11 1.12 +0.13 -0.12 2.40.1 0.475 0.65 2.80.1 a 0.05 m 2.90.1 4 1 5 8 0.80.05 0.170.02 b b 0.05 m a s 0.025 s 1.12 +0.13 -0.12 0.28 +0.1 -0.11 5 drain2 6 drain2 7 drain1 8 drain1 1 source1 2 gate1 3 source2 4 gate2 lot no.
TPCP8203 2007-02-28 2 thermal characteristics note 1: ensure that the channel temperature does not exceed 150c. note 2: (a) device mounted on a glass-epoxy board (a) (b) device mounted on a glass-epoxy board (b) note 3: a) the power dissipation and thermal resistance values shown are for a single device. (during single-device operation, power is applied to one device only.) b) the power dissipation and thermal resistance values shown are for a single device. (during dual operation, power is applied to both devices evenly.). note 4: v dd = 25 v, t ch = 25c (initial), l = 0.5 mh, r g = 25 , i ar = 4.7 a note 5: repetitive rating: pulse width limited by max. channel temperature. note 6: on the lower left of the marking indicates pin 1. * weekly code (3 digits): note 7: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/derating concept and methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). characteristic symbol max unit single-device operation (note 3a) r th (ch-a) (1) 84.5 thermal resistance, channel to ambient (t = 5 s) (note 2a) single-device value at dual operation (note 3b) r th (ch-a) (2) 101.6 c/w single-device operation (note 3a) r th (ch-a) (1) 215.5 thermal resistance, channel to ambient (t = 5 s) (note 2b) single-device value at dual operation (note 3b) r th (ch-a) (2) 347.2 c/w fr-4 25.4 25.4 0.8 (unit: mm) (b) fr-4 25.4 25.4 0.8 (unit: mm) (a) 25.4 25.4 week of manufacture (01 for the first week of the year, continuing up to 52 or 53) year of manufacture (the last digit of the calendar year)
TPCP8203 2007-02-28 3 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs = 16 v, v ds = 0 v ? ? 10 a drain cutoff current i dss v ds = 40 v, v gs = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 40 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = -20 v 15 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 1.3 ? 2.5 v r ds (on) v gs = 4.5 v, i d = 2.4 a ? 43 60 drain-source on-resistance r ds (on) v gs = 10 v, i d = 2.4a ? 31 40 m forward transfer admittance |y fs | v ds = 10 v, i d = 2.4a 4.3 8.6 ? s input capacitance c iss ? 770 ? reverse transfer capacitance c rss ? 70 ? output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 105 ? pf rise time t r ? 8 ? turn-on time t on ? 15 ? fall time t f ? 9 ? switching time turn-off time t off duty < = 1%, t w = 10 s ? 70 ? ns total gate charge (gate-source plus gate-drain) q g ? 16 ? gate-source charge1 q gs1 ? 2.5 ? gate-drain (?miller?) charge q gd v dd ? 32 v, v gs = 10 v, i d = 4.7 a ? 4 ? nc source-drain ratings and characteristics (ta = 25c) characteristic symbol test condition min typ. max unit drain reverse current pulse (note 1) i drp ? ? ? 18.8 a forward voltage (diode) v dsf i dr = 4.7 a, v gs = 0 v ? ? -1.2 v r l = 8.33 v dd ? 20 v 0 v v gs 10 v 4.7 i d = 2.4 a output
TPCP8203 2007-02-28 4 forward transfer admittance |y fs | (s) drain? source voltage v ds (v) i d ? v ds drain current i d (a) drain ? source voltage v ds (v) i d ? v ds drain current i d (a) gate? source voltage v gs (v) i d ? v gs drain current i d (a) drain current i d (a) drain current i d (a) drain? source on-resistance r ds (on) (m ) 0 0 0.2 0.4 0.6 0.8 1 2 4 6 8 10 v gs = 2.8 v 3 3.2 3.6 3.8 4 4.5 5 10 0 0 1 2 3 4 5 4 8 12 16 20 v gs = 3 v common source tc = 25c single pulse test 3.2 3.4 3.6 3.8 4 4.5 10 5 6 0 0 2 4 6 4 8 12 16 20 ta = ? 55c 100 25 common source vds = 10 v single pulse test 0.1 1 10 100 10 100 common source tc = 25c single pulse test v gs = 10 v 4.5 0.1 1 10 100 0.1 10 100 common source vds = 10 v single pulse test 100 ta = ? 55c 25 |y fs | ? i d r ds (on) ? i d drain? source voltage v ds (v) gate ? source voltage v gs (v) v ds ? v gs 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 14 i d = 4.7a 2.4 8 common source ta = 25c single pulse test 1.2 0 common source tc = 25c single pulse test 8 6 8 10 12 1 3.4
TPCP8203 2007-02-28 5 ambient temperature ta ( c) r ds (on) ? ta drain? source on-resistance r ds (on) (m ) drain ? source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) drain? source voltage v ds (v) c ? v ds capacitance c (pf) ambient temperature ta ( c) v th ? ta gate threshold voltage v th (v) ambient temperature ta (c) p d ? ta drain power dissipation p d (w) 0 ? 80 ? 40 0 40 80 120 160 40 60 80 100 v gs = 4.5 v i d = 4.7, 2.4, 1.2a common source tc = 25c single pulse test 0.1 0 1 100 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.2 common source ta = 25c single pulse test v gs = 0, ? 1 v 1 5 10 10 0.1 1 10 100 100 1000 10000 common source ta = 25c v gs = 0 v f = 1 mhz c iss c oss c rss 0 ? 80 ? 40 0 40 80 120 160 1 2 3 4 common source v ds = 10 v i d = 1 ma pulse test 0 0.5 1.0 1.5 2.0 0 40 80 120 160 (1) (2) (3) (4) device mounted on a glass-epoxy board (a) (note 2a) (1) single-device operation (note 3a) (2) single-device value at dual operation (note 3b) device mounted on a glass-epoxy board (b) (note 2b) (3) single-device operation (note 3a) (4) single-device value at dual operation (note 3b) t = 5 s 20 200 gate? source voltage v gs (v) total gate charge q g (nc) dynamic input/output characteristics drain? source voltage v ds (v) 40 0 0 4 16 20 20 10 30 v dd = 32v common source i d = 4.7 a ta = 25c pulse test 8 12 16 0 2 6 8 4 12 10 v gs v ds 8v 16v v gs = 10 v 10 ? 1 3 14 i d = 4.7, 2.4, 1.2a
TPCP8203 2007-02-28 6 0.1 1 10 100 0.1 1 10 100 i d max (pulse) * * : single nonrepetitive pulse ta = 25c curves must be derated linearly with increase in temperature. 10 ms * 1 ms * v dss max safe operating area drain? source voltage v ds (v) drain current i d (a) 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 r th ? t w pulse width t w (s) transient thermal impedance rth (c/w) single pulse (1) (2) (3) (4) device mounted on a glass-epoxy board (a) (note 2a) (1) single-device operation (note 3a) (2) single-device value at dual operation (note 3b) device mounted on a glass-epoxy board (b) (note 2b) (3) single-device operation (note 3a) (4) single-device value at dual operation (note 3b)
TPCP8203 2007-02-28 7 restrictions on product use 20070701-en general ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringement s of patents or other rights of the third parties which may result from its use. no license is granted by implic ation or otherwise under any patents or other rights of toshiba or the third parties. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TPCP8203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X